smd shielded power chip inductor 15 rdc allied part number inductance ( h) tolerance (%) test freq. allied components interna tional 949-356-1780 www.a lli edcom pon en ts .com rohs revised 04/22/14 mhz, 100mv all specifications subject to change without notice. irms pcfv52-1r0m-rc 1.0 20 1 18 3.69 features ? magnetically shielded construction electrical test equipment physical packaging: 2000 per tape and reel ? high current inductance range: 1.0h ~ 2.2h (other tolerance: available in 20% operating temp: -55oc ~ +125oc isat: current at which the inductance will drop resistance to soldering heat pre-heat 150oc, 1 min. solder temp: 260oc +/- 5oc for 10 sec (l): hp4287a + hp16197a (rdc): chroma milliohm meter 16502 current: hp4284a + hp42841a marking: eia inductance code pcfv52 x .197.008 (5.00.2) .197.008 (5.00.2) .079.008 (2.00.2) .071.012 .071.012 (1.80.3) (1.80.3) isat 5.40 irms: based on a temp rise of t = 40oc solder composition: sn/ag3.0/cu0.5 values being added) by no more then 30% of its initial value. pcfv52-1r5m-rc 1.5 20 1 23 3.15 4.41 pcfv52-2r2m-rc 2.2 20 1 30 2.97 3.60 ? typical above ambient temp. 30% marking 1r0 x x 2r2 1r5 ? low dc resistence (max) (max) pcfv52-3r3m-rc 3.9 20 1 53 2.34 2.61 3r9 ? ultra low profile, 2.0mm (a) (a) (m) pcfv52-4r7m-rc 4.7 20 1 60 1.98 2.43 pcfv52-6r8m-rc 6.8 20 1 93 1.62 1.98 pcfv52-100m-rc 10 20 1 125 1.44 1.62 4r7 100 6r8 PCFV52-150M-RC 15 20 1 195 1.08 150 1.26 pcfv52-220m-rc 22 20 1 265 0.90 220 1.08 t(oc) ? dimensions: inches (mm)
|